Part Number Hot Search : 
BR808G NTE4000 2SK12 BY8416 120T3 120T3 N5394A 2SD26621
Product Description
Full Text Search
 

To Download C2824H393BBGACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 1 ordering information c 2225 h 393 j c g a c tu ceramic case size (l" x w") specifcation/ series capacitance code (pf) capacitance tolerance 1 rated voltage (vdc) dielectric failure rate/ design termination finish 2 packaging/grade (c-spec) 0805 1206 1210 1808 1812 1825 2220 2225 2824 3040 3640 4540 h = high temperature (200c) two signifcant 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 gold(au) termination fnish options are not available on 2824, 3040, 3640 and 4540 case sizes. overview kemets high voltage-high temperature (hv-ht) series surface mount c0g multilayer ceramic capacitors (mlccs) are constructed of a robust and proprietary base metal electrode (bme) dielectric system that offers industry-leading performance at extreme temperatures. these surface mountable devices feature a 200oc maximum operating temperature and are specifcally designed to withstand the demands of harsh industrial environments such as oil exploration and automotive/ avionics engine compartment circuitry. they also offer higher and more uniform breakdown voltage performance than competitive products, resulting in increased yields in customer feld applications. when dealing with expensive high temperature circuitry and systems, higher yields can quickly result in signifcant cost savings. kemets hv-ht series mlccs are temperature compensating and are suited for resonant circuit applications or those where q and stability of capacitance characteristics are required. they exhibit no change in capacitance with respect to time and voltage and boast a negligible change in capacitance with reference to ambient temperature. capacitance change is limited to 30ppm/oc from ?55c to +200c. in addition, these capacitors exhibit high insulation resistance with low dissipation factor at elevated temperatures up to 200c. they also exhibit low esr at high frequencies and offer superior volumetric effciency over competitive high temperature precious metal electrode (pme) and base metal electrode (bme) dielectric system devices. these devices are lead (pb)-free, rohs and reach compliant without the need of any exemptions. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade) one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 2 packaging c-spec ordering options table termination finish options packaging type/options packaging ordering code (c-spec) standard packaging C unmarked 3 c = 100% matte sn l = snpb (5% pb min.) f = gold (au) 30 C 50 in g = gold (au) 100 in min. bulk bag blank 1 waffe tray 7411 (eia 0603 and smaller case sizes) 7210 (eia 0805 and larger case sizes) moisture sensitive packaging 5 C unmarked 3 e = gold (au) 1.97 C 11.8 in f = gold (au) 30 C 50 in g = gold (au) 100 in min. waffe tray 2 7282 7" tape & reel 7130 7" tape & reel C 50 pcs contact kemet 6 7" tape & reel C 100 pcs 7" tape & reel C 250 pcs 7" tape & reel C 500 pcs 7" tape & reel C 1,000 pcs 1 default packaging is bulk bag. an ordering code c-spec is not required for bulk bag packaging. 1 bulk bag packaging option is not available for gold (au) termination fnish options and case sizes larger than 2225 (5664 metric). 2 waffe tray packaging option is not available for case sizes larger than 2225 (5664 metric). 3 the terms marked and unmarked pertain to laser marking option of components. all packaging options labeled as unmarked will contain capacitors that have not been laser marked. the option to laser mark is not available on these devices. 3 reeling quantities are dependent upon chip size and thickness dimension. when ordering using the t1k0 packaging option, 1812 thru 2225 case size devices with chip thickness of 1.9mm (nominal) may be shipped on multiple 7 reels or a single 13 reel. additional reeling or packaging options may be available. contact kemet for details. 4 the 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see tape & reel packaging information. 5 moisture sensitive packaging is required for gold (au) termination option e (1.97 C 11.8 in) 6 additional reeling or packaging options may be available. contact kemet for details. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 3 benefts ? operating temperature range of ?55c to +200c ? lead (pb)-free, rohs, and reach compliant ? eia 0805, 1206, 1210, 1808, 1812, 1825, 2220, 2225, 2824, 3040, 3640 and 4540 case sizes ? dc voltage ratings of 500 v, 630 v, 1 kv, 1.5 kv, and 2 kv ? capacitance offerings ranging from 1 pf to 0.150 f ? available capacitance tolerances of 0.10 pf, 0.25 pf, 0.5 pf, 1%, 2%, 5%, 10%, and 20% ? no piezoelectric noise ? extremely low esr & esl ? high thermal stability ? high ripple current capability ? no capacitance change with respect to applied rated dc voltage ? negligible capacitance change with respect to temperature from ?55c to +125c ? no capacitance decay with time ? non-polar device, minimizing installation concerns ? 100% pure matte tin-plated termination fnish allowing for excellent solderability ? snpb plated termination fnish option available upon request (5% pb minimum) ? g old (au), tin/lead (sn/pb) and 100% pure matte tin (sn) termination fnishes available applications typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, switch mode power supplies (input flters, resonators, tank circuits, snubbed circuits, output flters), high voltage coupling, dc blocking and voltage multiplier circuits in extreme environments such as down-hole exploration, aerospace engine compartments and geophysical probes. markets include power supply, hid lighting, industrial equipment/control, automotive, aerospace, and munitions. qualifcation/certifcation high temperature (200oc) industrial grade products meet or exceed the requirements outlined in table 4, performance & reliability. qualifcation packages are available for review and download on our website at www .kemet.com/hightemp environmental compliance lead (pb)-free, rohs, and reach compliant without exemptions (excluding snpb termination fnish option). surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 4 dimensions C millimeters (inches) l b w s t eia size code metric size code l length w width t thickness b bandwidth s separation minimum mounting technique 0805 2012 2.00 (.079) 0.20 (.008) 1.25 (.049) 0.20 (.008) see table 2 for thickness 0.50 (0.02) 0.25 (.010) 0.75 (.030) "solder wave or solder refow" 1206 3216 3.20 (.126) 0.20 (.008) 1.60 (.063) 0.20 (.008) 0.50 (0.02) 0.25 (.010) n/a 1210 3225 3.20 (.126) 0.20 (.008) 2.50 (.098) 0.20 (.008) 0.50 (0.02) 0.25 (.010) solder refow only 1808 4520 4.70 (.185) 0.50 (.020) 2.00 (.079) 0.20 (.008) 0.60 (.024) 0.35 (.014) 1812 4532 4.50 (.177) 0.30 (.012) 3.20 (.126) 0.30 (.012) 0.60 (.024) 0.35 (.014) 1825 4564 4.50 (.177) 0.30 (.012) 6.40 (.252) 0.40 (.016) 0.60 (.024) 0.35 (.014) 2220 5650 5.70 (.224) 0.40 (.016) 5.00 (.197) 0.40 (.016) 0.60 (.024) 0.35 (.014) 2225 5664 5.60 (.220) 0.40 (.016) 6.40 (.248) 0.40 (.016) 0.60 (.024) 0.35 (.014) 2824 7260 7.10 (.280) 0.40 (.016) 6.10 (.240) 0.40 (.016) 1.27 (.050) 0.40 (.016) 3040 7610 7.60 (.300) 0.40 (.016) 10.20 (.402) 0.40 (.016) 1.27 (.050) 0.40 (.016) 3640 9210 9.10 (.358) 0.40 (.016) 10.20 (.402) 0.40 (.016) 1.27 (.050) 0.40 (.016) 4540 - 11.40 (.449) 0.40 (.016) 10.20 (.402) 0.40 (.016) 1.27 (.050) 0.40 (.016) surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 5 electrical parameters/characteristics item parameters/characteristics operating temperature range ?55c to +200c capacitance change with reference to +25c and 0 vdc applied (tcc) 30 ppm/oc (up to +200oc) aging rate (maximum % capacitance loss/decade hour) 0% 1 dielectric withstanding voltage (dwv) 150% of rated voltage for voltage rating of < 1000 v 120% of rated voltage for voltage rating of 1000 v (5 1 seconds and charge/discharge not exceeding 50 ma) 2 dissipation factor (df) maximum limit @ 25oc 0.1% 3 insulation resistance (ir) minimum limit @ 25c 1000 megohm microfarads or 100 g (500 vdc applied for 120 5 secs @ 25c) 1 dwv is the voltage a capacitor can withstand (survive) for a short period of time. it exceeds the nominal and continuous working voltage of the capacitor. 2 capacitance and dissipation factor (df) measured under the following conditions: 1 m hz 100 khz and 1.0 vrms 0.2 v if capacitance 1,000 pf 1 k hz 50 hz and 1.0 vrms 0.2 v if capacitance > 1,000 pf 3 to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. n ote: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance c0g all all 0.5 0.3% or 0.25 pf 10% of initial limit surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 6 table 1a C capacitance range/selection waterfall (0805 C 1808 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. capacitance cap code case size/series c0805h c1206h c1210h c1808h voltage code c b d c b d f g c b d f g c b d f g rated voltage (vdc) 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 1.0 - 9.1 pf* 109 - 919* b c d dg dg dg lb lb lb lb lb 10 pf - 47pf* 100 - 470* f g j k m dg dg dg ed ed ed ed ed fm fm fm fm fm lb lb lb lb lb 51 pf 510 f g j k m dg dg dg ed ed ed ed ed fm fm fm fm fm lb lb lb lb lb 56 pf 560 f g j k m dg dg dg ed ed ed ed ed fm fm fm fm fm lb lb lb lb lb 62 pf 620 f g j k m dg dg dg ed ed ed ed ed fm fm fm fm fm lb lb lb lb lb 68 pf 680 f g j k m dg dg dg ed ed ed ed ed fm fm fm fm fm lb lb lb lb lb 75 pf 750 f g j k m dg dg dg ed ed ed ed ef fm fm fm fm fm lb lb lb lb lb 82 pf 820 f g j k m dg dg dg ed ed ed ed ef fm fm fm fm fm lb lb lb lb lb 91 pf 910 f g j k m dg dg dg ed ed ed ed ef fm fm fm fm fm lb lb lb lb lb 100 pf 101 f g j k m dg dg dg ed ed ed ed ef fm fm fm fm fm lb lb lb lb lb 110 pf 111 f g j k m dg dg dg ed ed ed ed eg fm fm fm fm fm lb lb lb lb lb 120 pf 121 f g j k m dg dg dg ed ed ed ed eg fg fg fg fm fm la la la la lb 130 pf 131 f g j k m dg dg dg ed ed ed ed eg fg fg fg fm fm la la la la lb 150 pf 151 f g j k m dg dg dg ed ed ed ef eg fg fg fg fm fm la la la la lb 160 pf 161 f g j k m dg dg dg ed ed ed ef eg fg fg fg fm fm la la la la lc 180 pf 181 f g j k m dg dg dg ed ed ed ef eg fg fg fg fm fm la la la la lc 200 pf 201 f g j k m dg dg dg ed ed ed ef eg fg fg fg fm fm la la la la lc 2 20 pf 221 f g j k m dg dg dg ed ed ed eg eg fg fg fg fm fm la la la la lc 240 pf 241 f g j k m dg dg dg ed ed ed eg eg fg fg fg fm fm la la la lb lc 270 pf 271 f g j k m dg dg dg ed ed ed eg eg fg fg fg fk fk la la la lb lc 300 pf 301 f g j k m dg dg ed ed ef eg fg fg fg fk fk la la la lb lc 330 pf 331 f g j k m dg dg ed ed ef eg fg fg fg fk fk la la la lb lc 360 pf 361 f g j k m dg dg ed ed ef eg fg fg fg fk fs la la la lb la 390 pf 391 f g j k m dg dg ed ed ef eg fg fg fg fk fs la la la lb la 430 pf 431 f g j k m dg dg ed ed ef eg fg fm fm fs fs la lb lb lc la 470 pf 471 f g j k m dg dg ed ed eg eg fg fm fm fs fs la lb lb lc la 510 pf 511 f g j k m dg dg ed ed eg eg fg fm fm fs fs la lb lb lc lb 560 pf 561 f g j k m dg dg ed ed eg eg fg fm fm fs fs la lb lb lc lb 620 pf 621 f g j k m dg ed ed eg fg fm fm fs fs la lb lb la lc 680 pf 681 f g j k m dg ed ed eg fg fm fm fs fs lb lb lb la lc 750 pf 751 f g j k m dg ed ef eg fg fm fm fm lb lb lb la 820 pf 821 f g j k m dg ed ef eg fg fm fm fm lb lb lb la 910 pf 911 f g j k m ed ef eg fm fm fm fy lb lb lb la 1,000 pf 102 f g j k m ed ef eg fm fm fm fy lb lb lb lb 1,100 pf 112 f g j k m ef eg fm fk fk fs lc lc lc lb 1, 200 pf 122 f g j k m ef eg fm fk fk fs lc lc lc lc 1,300 pf 132 f g j k m ef eg fm fs fs lc lc lc lc 1,500 pf 152 f g j k m ef eg fk fs fs lc lc lc lc 1,600 pf 162 f g j k m ef eg fk fs fs lc lc lc 1,800 pf 182 f g j k m ef eg fk fs fs lc lc lc 2,000 pf 202 f g j k m eg fk fl fs lc la lb 2,200 pf 222 f g j k m eg fk fl fs lc la lb 2,400 pf 242 f g j k m eg fs fl fs lc la lb 2,700 pf 272 f g j k m eg fs fl fs lc la lc 3,000 pf 302 f g j k m fs fl la la 3,300 pf 332 f g j k m fs fm la la 3,600 pf 362 f g j k m fl fm la lb 3,900 pf 392 f g j k m fl fy la lb 4,300 pf 432 f g j k m fm fy la lc 4,700 pf 472 f g j k m fm fy la lc capacitance cap code rated voltage (vdc) 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 voltage code c b d c b d f g c b d f g c b d f g case size/series c0805h c1206h c1210h c1808h surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 7 table 1a C capacitance range/selection waterfall (0805 C 1808 case sizes) contd *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. capacitance cap code case size/series c0805h c1206h c1210h c1808h voltage code c b d c b d f g c b d f g c b d f g rated voltage (vdc) 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 5,100 pf 512 f g j k m fy fs la 5,600 pf 562 f g j k m fy fs lb 6,200pf 622 f g j k m fy lc 6,800pf 682 f g j k m fy lc 7,500pf 752 f g j k m fs 8,200 pf 822 f g j k m fs capacitance cap code rated voltage (vdc) 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 voltage code c b d c b d f g c b d f g c b d f g case size/series c0805h c1206h c1210h c1808h surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 8 table 1b C capacitance range/selection waterfall (1812 C 2225 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. capacitance cap code case size/series c1812h c1825h c2220h c2225h voltage code c b d f g c b d f g c b d f g c b d f g rated voltage (vdc) 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 10 pf - 47pf* 100 - 470* f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 51 pf 510 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 56 pf 560 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 62 pf 620 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 68 pf 680 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 75 pf 750 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 82 pf 820 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 91 pf 910 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 100 pf 101 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 110 pf 111 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 120 pf 121 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 130 pf 131 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 150 pf 151 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 160 pf 161 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 180 pf 181 f g j k m gk gk gk gk gk hg hg hg hg hg jk jk jk jk jk kf kf kf kf kf 2 00 pf 201 f g j k m gh gh gh gh gh he he he he he jk jk jk jk jk kf kf kf kf kf 220 pf 221 f g j k m gh gh gh gh gh he he he he he jk jk jk jk jk kf kf kf kf kf 240 pf 241 f g j k m gh gh gh gh gh he he he he he jk jk jk jk jk ke ke ke ke ke 270 pf 271 f g j k m gh gh gh gh gh he he he he he jk jk jk jk jk ke ke ke ke ke 300 pf 301 f g j k m gh gh gh gh gh he he he he he jk jk jk jk jk ke ke ke ke ke 330 pf 331 f g j k m gh gh gh gh gh he he he he he je je je je je ke ke ke ke ke 360 pf 361 f g j k m gk gk gk gk gh he he he he he je je je je je ke ke ke ke ke 390 pf 391 f g j k m gk gk gk gk gk he he he he he je je je je je ke ke ke ke ke 430 pf 431 f g j k m gk gk gk gk gk he he he he he je je je je je ke ke ke ke ke 470 pf 471 f g j k m gk gk gk gk gk he he he he he je je je je je kf kf kf kf ke 510 pf 511 f g j k m gh gh gh gk gh he he he he he jk jk jk jk jk kf kf kf kf ke 560 pf 561 f g j k m gh gh gh gk gh he he he he hg jk jk jk jk jk kf kf kf kf ke 620 pf 621 f g j k m gh gh gh gk gh he he he he hg jk jk jk jk jk kf kf kf kf ke 680 pf 681 f g j k m gh gh gh gk gh he he he he hg je je je jk jk kf kf kf kf ke 750 pf 751 f g j k m gh gh gh gk gk he he he hg hg je je je jk jk ke ke ke kf ke 8 20 pf 821 f g j k m gh gh gh gk gk he he he hg hg je je je jk jk ke ke ke kf ke 910 pf 911 f g j k m gh gh gh gh gm he he he hg hg je jk jk jk jk ke ke ke kf ke 1,000 pf 102 f g j k m gh gh gh gh gm he he he hg hg je jk jk jk jk ke ke ke kf ke 1,100 pf 112 f g j k m gh gk gk gh go he he he hg hg je jk jk jk jk ke ke ke kf kf 1,200 pf 122 f g j k m gh gk gk gh go he he he hg hg je jk jk jk jk ke ke ke kf kf 1,300 pf 132 f g j k m gh gk gk gh go he he he hg he je jk jk jk je ke ke ke kf kf 1,500 pf 152 f g j k m gk gk gk gk go he he he hg he je jk jk jk je ke ke ke kf kf 1,600 pf 162 f g j k m gk gk gk gk he hg hg hg hg je jk jk jk je ke ke ke kf ke 1,800 pf 182 f g j k m gk gk gk gm he hg hg hg hg je jk jk jk je ke ke ke kf ke 2,000 pf 202 f g j k m gk gk gk gm he hg hg he hj je jk jk je jk ke ke ke kf ke 2,200 pf 222 f g j k m gk gk gk go he hg hg he hj je jk jk je jk ke ke ke kf kf 2,400 pf 242 f g j k m gk gh gk go he hg hg he hj jk jk jk je jl ke ke ke ke kh 2,700 pf 272 f g j k m gk gh gk go he hg hg he hk jk jk jk je jl ke ke ke ke kh 3,000 pf 302 f g j k m gk gh gk hg hg hg he hk jk jk jk je jl ke ke ke ke kh 3,300 pf 332 f g j k m gk gh gk hg hg hg hg jk jk jk jk jn ke ke ke ke k j 3,600 pf 362 f g j k m gk gh gm hg hg hg hg jk jk jk jk jn ke kf kf kf kj 3,900 pf 392 f g j k m gk gh gm hg hg hg hj jk jk jk jk jn ke kf kf kf kj 4,300 pf 432 f g j k m gh gh go hg hg hg hj jk jk jk jk ke kf kf kf 4,700 pf 472 f g j k m gh gh go hg hg hg hj jk jk jk jl ke kf kf kh capacitance cap code rated voltage (vdc) 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 voltage code c b d f g c b d f g c b d f g c b d f g case size/series c1812h c1825h c2220h c2225h surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 9 capacitance cap code case size/series c1812h c1825h c2220h c2225h voltage code c b d f g c b d f g c b d f g c b d f g rated voltage (vdc) 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 5,100 pf 512 f g j k m gh gk go hg he hg hk jk jk jk jl ke kf kf kh 5,600 pf 562 f g j k m gh gk go hg he hg hk jk jk jk jn ke kf kf kh 6,200pf 622 f g j k m gh gk hg he hg jk je je jn ke kf kf kj 6,800pf 682 f g j k m gh gm hg he hj jk je jk jn ke kf kf kj 7,500pf 752 f g j k m gh gm hg he hj jk je jk kf ke kf 8,200 pf 822 f g j k m gk go hg he hj jk je jl kf ke kf 9,100 pf 912 gm go he hg hk je je jl kf ke kh 10,000 pf 103 gm go he hg hk je je jl kf ke kh 12,000 pf 123 go he hg je jk jn ke ke kh 15,000 pf 153 go he hj je jl ke kf kj 18,000 pf 183 hg hk je jl ke kh 22,000 pf 223 hj jk jn kf kj 27,000 pf 273 hj jl jn kf kj 33,000 pf 333 hk jn kh 39,000 pf 393 kj capacitance cap code rated voltage (vdc) 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 voltage code c b d f g c b d f g c b d f g c b d f g case size/series c1812h c1825h c2220h c2225h table 1 capacitance range/selection aterfall (1812 2225 case sizes) contd *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 10 capacitance cap code case size/ series c2824h c3040h c3640h c4540h voltage code c b d f g c b d f g c b d f g c b d f g rated voltage (vdc) 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 10 - 2,000 pf 100 - 202 j k m 2,200 pf 222 j k m ta ta ta ta ta 2,400 pf 242 j k m 2,700 pf 272 j k m ta ta ta ta ta 3,000 pf 302 j k m 3,300 pf 332 j k m ta ta ta ta ta qb qb qb qb qb 3,600 pf 362 j k m 3,900 pf 392 j k m ta ta ta ta tb qb qb qb qb qb ma ma ma ma ma 4,300 pf 432 j k m 4,700 pf 472 j k m ta ta ta tb tb qb qb qb qb qb ma ma ma ma ma sa sa sa sa sa 5,100 pf 512 j k m 5,600 pf 562 j k m ta ta ta tb tc qb qb qb qb qb ma ma ma ma ma sa sa sa sa sa 6,200 pf 622 j k m 6,800 pf 682 j k m ta ta ta tb qb qb qb qb qc ma ma ma ma ma sa sa sa sa sa 7,50 0 pf 752 j k m 8,200 pf 822 j k m ta ta ta tc qb qb qb qc qc ma ma ma ma mb sa sa sa sa sa 9,100 pf 912 j k m 10,000 pf 103 j k m ta ta ta qb qb qb qc qd ma ma ma ma mb sa sa sa sa sb 12,000 pf 123 j k m ta ta ta qb qb qb qd ma ma ma mb mb sa sa sa sa sb 15,000 pf 153 j k m ta ta tb qb qb qb qd ma ma ma mb mc sa sa sa sb sb 18,000 pf 183 j k m ta ta tb qb qb qb ma ma ma mc sa sa sa sb sc 22,000 pf 223 j k m ta tb tc qb qb qc ma ma ma sa sa sa sb 27,000 pf 273 j k m ta tb qb qb qc ma ma ma sa sa sa sc 33,000 pf 333 j k m tb tb qb qc qc ma ma mb sa sa sa 39,000 pf 393 j k m tb tc qb qc qd ma ma mb sa sa sb 47,000 pf 473 j k m tb qb qc ma mb mc sa sa sb 56,000 pf 563 j k m tc qc qd ma mb sa sa sb 68,000 pf 683 j k m qc qd mb mc sa sb sc 82,000 pf 823 j k m qc mb sa sb 0.1 f 10 4 j k m qd mc sb sc 0.12 f 124 j k m mc sb 0.15 f 154 j k m sc capacitance cap code rated voltage (vdc) 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 voltage code c b d f g c b d f g c b d f g c b d f g case size/series c2824h c3040h c3640h c4540h table 1c C capacitance range/selection waterfall (2824 C 4540 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 11 table 2a C chip thickness/tape & reel packaging quantities thickness code case size thickness range (mm) paper quantity plastic quantity 7" reel 13" reel 7" reel 13" reel dg 0805 1.25 0.15 0 0 2,500 10,000 ed 1206 1.00 0.10 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 eg 1206 1.60 0.15 0 0 2,000 8,000 fg 1210 1.25 0.15 0 0 2,500 10,000 fl 1210 1.40 0.15 0 0 2,000 8,000 fm 1210 1.70 0.20 0 0 2,000 8,000 fy 1210 2.00 0.20 0 0 2,000 8,000 fk 1210 2.10 0.20 0 0 2,000 8,000 fs 1210 2.50 0.30 0 0 1,000 4,000 la 1808 1.40 0.15 0 0 1,000 4,000 lb 1808 1.60 0.15 0 0 1,000 4,000 lc 1808 2.00 0.15 0 0 1,000 4,000 gh 1812 1.40 0.15 0 0 1,000 4,000 gk 1812 1.60 0.20 0 0 1,000 4,000 gm 1812 2.00 0.20 0 0 500 2,000 go 1812 2.50 0.20 0 0 500 2,000 he 1825 1.40 0.15 0 0 1,000 4,000 hg 1825 1.60 0.20 0 0 1,000 4,000 hj 1825 2.00 0.20 0 0 500 2,000 hk 1825 2.50 0.20 0 0 500 2,000 je 2220 1.40 0.15 0 0 1,000 4,000 jk 2220 1.60 0.20 0 0 1,000 4,000 jl 2220 2.00 0.20 0 0 500 2,000 jn 2220 2.50 0.20 0 0 500 2,000 ke 2225 1.40 0.15 0 0 1,000 4,000 kf 2225 1.60 0.20 0 0 1,000 4,000 kh 2225 2.00 0.20 0 0 500 2,000 kj 2225 2.50 0.20 0 0 500 2,000 ta 2824 1.40 0.15 0 0 750 2,500 tb 2824 2.00 0.20 0 0 300 2,000 tc 2824 2.50 0.20 0 0 300 2,000 qb 3040 1.40 0.15 0 0 500 1,650 qc 3040 2.00 0.20 0 0 500 1,650 qd 3040 2.50 0.20 0 0 350 1,400 ma 3640 1.40 0.15 0 0 250 1,550 mb 3640 2.00 0.20 0 0 250 1,550 mc 3640 2.50 0.20 0 0 250 1,550 sa 4540 1.40 0.15 0 0 200 1,500 sb 4540 2.00 0.20 0 0 200 1,500 sc 4540 2.50 0.20 0 0 200 1,500 thickness code case size thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity plastic quantity package quantity based on fnished chip thickness specifcations. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 12 table 2b C bulk packaging quantities packaging type loose packaging secure packaging bulk bag (default) 2 x 2 waffe pack/tray 3 packaging c-spec 1 n/a 2 7282 / 7292 case size chip thickness (mm) packaging quantities (pieces/unit packaging) eia (in) metric (mm) minimum maximum minimum maximum 0402 1005 all 1 50,000 1 368 0603 1608 368 0805 2012 100 1206 3216 1.25 (nominal) 1 the "packaging c-spec" is a 4-digit code which identifes the packaging type. when ordering, the proper code must be included in the 15th through 18th character positions of the ordering code. see "ordering information" section of this document for further details. product ordered without a packaging c-spec will default to our standard " bulk bag" packaging. 2 a packaging c-spec (see note 1 above) is not required for "bulk bag" packaging (excluding anti-static bulk bag). the 15th through 18th character positions of the ordering code should be left blank. all product ordered without a packaging c-spec will default to out standard "bulk bag" packaging. 3 also commonly referred to as chip carrier or molded tray. all tray packaging options offer static protection. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 13 table 3 C chip capacitor land pattern design recommendations per ipcC7351 eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x v1 v2 c y x v1 v2 c y x v1 v2 0805 2012 1.00 1.35 1.55 4.40 2.60 0.90 1.15 1.45 3.50 2.00 0.75 0.95 1.35 2.80 1.70 1206 3216 1.60 1.35 1.90 5.60 2.90 1.50 1.15 1.80 4.70 2.30 1.40 0.95 1.70 4.00 2.00 1210 3225 1.60 1.35 2.80 5.65 3.80 1.50 1.15 2.70 4.70 3.20 1.40 0.95 2.60 4.00 2.90 1808 4520 2.30 1.75 2.30 7.40 3.30 2.20 1.55 2.20 6.50 2.70 2.10 1.35 2.10 5.80 2.40 1812 4532 2.15 1.60 3.60 6.90 4.60 2.05 1.40 3.50 6.00 4.00 1.95 1.20 3.40 5.30 3.70 1825 4564 2.15 1.60 6.90 6.90 7.9 0 2.05 1.40 6.80 6.00 7.30 1.95 1.20 6.70 5.30 7.0 0 2220 5650 2.75 1.70 5.50 8.20 6.50 2.65 1.50 5.40 7.30 5.90 2.55 1.30 5.30 6.60 5.60 2225 5664 2.70 1.70 6.90 8.10 7.9 0 2.60 1.50 6.80 7. 20 7.30 2.50 1.30 6.70 6.50 7.0 0 2824 7260 3.45 1.70 6.60 9.60 7.60 3.35 1.50 6.50 8.70 7.0 0 3.25 1.30 6.40 8.00 6.70 3040 7610 3.70 1.70 10.70 10.10 11.70 3.60 1.50 10.60 9.20 11.10 3.50 1.30 10.50 8.50 10.80 3640 9210 4.45 1.70 10.70 11.60 11.70 4.35 1.50 10.60 10.70 11.10 4.25 1.30 10.50 10.00 10.80 4540 - 5.60 1.70 10.70 13.90 11.70 5.50 1.50 10.60 13.00 11.10 5.40 1.30 10.50 12.30 10.80 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805 and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). image below based on density level b for an eia 1210 case size. y c c x x v1 v2 grid placement courtyard y surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 14 soldering process recommended soldering technique: ? s older wave or solder refow for eia case sizes 0603, 0805 and 1206 ? a ll other eia case sizes are limited to solder refow only recommended refow soldering profle: kemets families of surface mount multilayer ceramic capacitors (smd mlccs) are compatible with wave (single or dual), convection, ir or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemet s recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/j-std-020 standard for moisture sensitivity testing. these devices can safely withstand a maximum of three refow passes at these conditions. profle feature termination finish snpb 100% matte sn preheat/soak temperature minimum (t smin ) 100c 150c temperature maximum (t smax ) 150c 200c time (t s ) from t smin to t smax 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/second maximum 3c/second maximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 235c 260c time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/second maximum 6c/second maximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum 1rwhoowhpshudwxuhvuhihuwrwkhfhqwhuriwkhsdfndjhphdvxuhgrqwkh fdsdflwruergvxuidfhwkdwlvidflqjxsgxulqjdvvhpeouhr time temperature t smin 25 c to peak t l t s 25 t p t smax t l t p maximum ramp up rate = 3 c/sec maximum ramp down rate = 6 c/sec surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 15 table 4 C performance & reliability: test methods and conditions product qualifcation test plan reliability/environmental tests per milCstdC202//jesd22 load humidity 85c/85%rh and 200 vdc maximum, 1,000 hours low voltage humidity 85c/85%rh, 1.5v, 1,000 hours temperature cycling ?55c to +200c, 50 cycles thermal shock ?55c to +150c, 20 seconds transfer, 15 minute dwell, 300 cycles moisture resistance cycled temp/rh 0 v, 10 cycles @ 24 hours each physical, mechanical & process tests per milCstd 202/jisCcC6429 resistance to solvents include aqueous wash chemical C okem clean or equivalent mechanical shock and vibration method 213: figure 1, condition f method 204: 5 gs for 20 minutes, 12 cycles resistance to soldering heat condition b, no per-heat of samples, single wave solder terminal strength force of 1.8 kg for 60 seconds board flex appendix 2, note: 3.0 mm (minimum) storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureC reels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40c and maximum storage humidity not exceed 70% relative humidity. in addition, temperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within the time frame outlined in the table below: termination finish termination finish ordering code 1 storage life 100% matte tin (sn) c 1.5 years upon receipt snpb (5% pb min.) l 1.5 years upon receipt gold (au) 1.97 C 11.8 in 2 e 6 months upon receipt 2 gold (au) 30 C 50 in f 1.5 years upon receipt gold (au) 100 in min. g 1.5 years upon receipt 1 kkkkddsk.sdeddkd kd2dk 2 sdskdddsdddkddsddesd ddsddsdedsdkdk surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 16 construction (typical) dielectric material (cazro 3 ) detailed cross section barrier layer (ni) inner electrodes (ni) barrier layer (ni) inner electrodes (ni) dielectric material (cazro 3 ) termination finish: c = 100% matte sn l = snpb - 5% pb min e = gold (au) 1.97 - 11.8 in f = gold (au) 30 - 50 in g = gold (au) 100 in min termination finish (see options at left) end termination/ external electrode (cu) end termination/ external electrode (cu) capacitor marking (optional): laser marking option is not available on: ? c 0g, ultra stable x8r and y5v dielectric devices ? e ia 0402 case size devices ? e ia 0603 case size devices with flexible termination option. ? k ps commercial and automotive grade stacked devices. these capacitors are supplied unmarked only. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 17 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12, 16 and 24 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static cover tape (.10 mm (.004") maximum thickness) chip and kps orientation in pocket (except 1825 commercial, and 1825 and 2225 military) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration, embossed plastic & punched paper (mm) eia case size tape size (w)* embossed plastic punched paper 7" reel 13" reel 7" reel 13" reel pitch (p 1 )* pitch (p 1 )* 01005 C 0402 8 2 2 0603 8 2/4 2/4 0805 8 4 4 4 4 1206 C 1210 8 4 4 4 4 1805 C 1808 12 4 4 1812 12 8 8 2824 16 12 12 3040 C 4540 24 16 16 kps 1210 12 8 8 kps 1812 & 2220 16 12 12 array 0508 & 0612 8 4 4 5hhuwr)ljxuhvru:dqg3 1 carrier tape reference locations. 5hhuwr7deohvruwrohudqfhvshflfdwlrqv new 2 mm pitch reel options* packaging ordering code (c-spec) packaging type/options c-3190 automotive grade 7" reel unmarked c-3191 automotive grade 13" reel unmarked c-7081 commercial grade 7" reel unmarked c-7082 commercial grade 13" reel unmarked ppslwfkuhhorqodydlodeohru(,fdvhvlh ppslwfkuhhoru(,fdvhvlhxqghughyhorsphqw benef ts of changing from 4 mm to 2 mm pitching spacing ? lower placement costs ? double the parts on each reel results in fewer reel changes and increased eff ciency ? fewer reels result in lower packaging, shipping and storage costs, reducing waste surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 18 figure 1 C embossed (plastic) carrier tape dimensions po t f w cent er line s of ca vity ao bo user direction of unre elin g cover tape ko b 1 is for tape feeder reference only, including dra ft concentric abou t b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for c avity size, see note 1 table 4 [10 pitches cumulative tolerance on tape 0.2 mm] table 6 ? embossed (plastic) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t1 maximum 8 mm 1.5 +0.10/?0.0 (0.059 +0.004/?0.0) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 30 (1.181) 16 mm 24 mm 1.5 +0.10/?0.0 (0.059 +0.004/?0.0) variable dimensions millimeters (inches) tape size pitch e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 14.25 (0.561) 7.5 0.05 (0.138 0.002) 12.0 0.10 (0.157 0.004) 4.6 (0.181) 16.3 (0.642) 24 mm 16 mm 22.25 (0.875) 11.5 0.10 (0.452 0.003) 16.0 0.10 (0.629 0.004) 3 (0.118) 24.3 (0.956) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape with or without components shall pass around r without damage (see figure 6). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481 paragraph 4.3 section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 3). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 4). (e) for kps series product, a 0 and b 0 are measured on a plane 0.3 mm above the bottom of the pocket. (f) see addendum in eia standard 481 for standards relating to more precise taping requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 19 figure 2 C punched (paper) carrier tape dimensions user direct ion of unr eeli ng top cover t ape t center li nes o f cavity p 1 ?do po p 2 e 1 f e 2 w g a 0 b 0 cavity size, see n ote 1, tab le 7 bottom cover tape t 1 t 1 bottom cover tape [10 pitc he s cumulative tolerance on tape 0.2 mm] table 7 ? punched (paper) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 e 1 p 0 p 2 t 1 maximum g minimum r reference note 2 8 mm 1.5 +0.10/?0.0 (0.059 +0.004/?0.0) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 0.10 (0.004) maximum 0.75 (0.030) 25 (0.984) variable dimensions millimeters (inches) tape size pitch e2 minimum f p 1 t maximum w maximum a 0 b 0 8 mm half (2 mm) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 2.0 0.05 (0.079 0.002) 1.1 (0.098) 8.3 (0.327) note 1 8 mm single (4 mm) 4.0 0.10 (0.157 0.004) 8.3 (0.327) 1. the cavity def ned by a 0 , b 0 and t shall surround the component with suff cient clearance that: a) the component does not protrude beyond either surface of the carrier tape. b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. c) rotation of the component is limited to 20 maximum (see figure 3). d) lateral movement of the component is restricted to 0.5 mm maximum (see figure 4). e) see addendum in eia standard 481 for standards relating to more precise taping requirements. 2. the tape with or without components shall pass around r without damage (see figure 6). surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 20 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) 24 mm 0.1 to 1.6 newton (10 to 160 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 3 C maximum component rotation ao bo t s max imum c ompon en t rota ti on t op view maxi mum co mponent rotat ion s id e view tape m ax imum width (mm) r otat io n ( t ) 8,12 20 16 ? 200 10 tap e m aximum wid th ( mm) ro tat ion ( s ) 8,12 20 16 ? 56 10 72 ? 200 5 typical pocke t cente r line typical com po nent centerline figure 4 C maximum lateral movement 0.5 mm maxi mum 0.5 mm maxi mum 8 mm & 1 2 mm tape 1.0 mm maxi mum 1.0 mm maxi mum 1 6 mm tape figure 5 C bending radius r r b en ding radius e mbo ssed carrier p unc hed ca rrier surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 21 figure 6 C reel dimensions a d (see note) full radi us, see note b (see note) access hole at slot location (? 40 mm minimum) if present, tape slot in core for t ap e start: 2.5 mm minimum width x 10.0 mm minimum depth w 3 (includes flange distortion at outer edge) w 2 (m ea sured at hu b) w 1 (m ea sured at hu b) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n table 8 ? reel dimensions metric will govern constant dimensions millimeters (inches) tape size a b minimum c d minimum 8 mm 178 0.20 (7.008 0.008) or 330 0.20 (13.000 0.008) 1.5 (0.059) 13.0 +0.5/?0.2 (0.521 +0.02/?0.008) 20.2 (0.795) 12 mm 16 mm 24 mm 1.2 (0.047) 13.0 + ?0.2 (0.521 + ?0.008) variable dimensions millimeters (inches) tape size n minimum w 1 w 2 maximum w 3 8 mm 50 (1.969) 8.4 +1.5/?0.0 (0.331 +0.059/?0.0) 12.4 +2.0/?0.0 (0.488 +0.078/?0.0) 16.4 +2.0/?0.0 (0.646 +0.078/?0.0) 25 +1.0/?0.0 (0.984 +0.039/?0.0) 27.4 +1.0/?1.0 (1.078+0.039/?0.039) surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 22 figure 7 C tape leader & trailer dimensions trailer 16 0 mm minimum carrier t ape end start rou nd sp rock et holes el ongated spro ck et holes ( 32 mm tape and wi de r) t op co ve r t ape top c ove r t ape p unche d carrier 8 mm & 12 mm only e mboss ed carrier components 100 mm minimum leader 400 mm minimum figure 8 C maximum camber carrier tape round sprocket holes 1 mm ma ximum , either direction straight edge 250 mm elongated sprocket holes (32 mm & wider ta pe s) surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 23 waff e tray packaging information C 2" x 2" w/ static protection figure 9 C waff e tray dimensions C inches (millimeters) 90 a 0.10 (2.54) x 45 1. 800 0. 004 sq (45.720 0.102 sq) 1. 812 0. 004 sq (46.025 0.102 sq) 2. 000 0. 004 sq (50.800 0.102 sq) sta nda rd rib matrix x m2 m m3 m1 y x z 0.086 (2.184) 0.156 +0.002/-0.003 (3.962 +0.051/-0.076) 0.004 (0.102) 0.098 (2.489) surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 24 table 9a C waff e tray dimensions C inches case size 2" x 2" waff e tray dimensions C inches m m1 m2 m3 x y z a matrix eia (in) metric (mm) 0.003 0.003 0.002 0.002 0.002 0.002 0.003 1/2 (x x y) 0402 1005 0.175 0.153 0.077 0.110 0.073 0.042 0.041 7 16 x 23 368 0504 1210 0.235 0.226 0.172 0.170 0.080 0.090 0.055 5 10 x 10 100 0603 1608 0.175 0.153 0.077 0.110 0.073 0.042 0.041 7 16 x 23 368 0805 2012 0.232 0.186 0.181 0.171 0.062 0.092 0.036 10 10 x 10 100 1005 2512 0.230 0.240 0.190 0.140 0.060 0.110 0.075 5 12 x 9 108 1206 1,2 3216 0.194 0.228 0.193 0.124 0.067 0.130 0.065 5 14 x 9 126 1206 1,3 3216 0.250 0.250 0.375 0.167 0.100 0.200 0.070 5 10 x 5 50 1210 3225 0.217 0.244 0.215 0.174 0.110 0.145 0.080 5 10 x 8 80 1808 4520 0.271 0.285 0.286 0.243 0.150 0.200 0.075 5 7 x 6 42 1812 4532 0.271 0.285 0.286 0.243 0.150 0.200 0.075 5 7 x 6 42 1825 4564 0.318 0.362 0.424 0.34 0.24 0.32 0.032 5 5 x 4 20 2220 5650 0.318 0.362 0.424 0.34 0.24 0.32 0.032 5 5 x 4 20 2225 5664 0.318 0.362 0.424 0.34 0.24 0.32 0.032 5 5 x 4 20 1 ddddsdsskdkskkdsddddd dkskdsdddkdkskkdsd 2 ddsdkdkk ddsdkdkk table 9b C waff e tray dimensions C millimeters case size 2" x 2" waff e tray dimensions C millimeters m m1 m2 m3 x y z a matrix eia (in) metric (mm) 0.08 0.08 0.05 0.05 0.05 0.05 0.08 1/2 (x x y) 0402 1005 4.45 3.89 1.96 2.79 1.85 1.07 1.04 7 16 x 23 368 0504 1210 5.97 5.74 4.37 4.32 2.03 2.29 1.40 5 10 x 10 100 0603 1608 4.45 3.89 1.96 2.79 1.85 1.07 1.04 7 16 x 23 368 0805 2012 5.89 4.72 4.60 4.34 1.57 2.34 0.91 10 10 x 10 100 1005 2512 5.84 6.10 4.83 3.56 1.52 2.79 1.91 5 12 x 9 108 1206 1,2 3216 4.93 5.79 4.90 3.15 1.70 3.30 1.65 5 14 x 9 126 1206 1,3 3216 6.35 6.35 9.53 4.24 2.54 5.08 1.78 5 10 x 5 50 1210 3225 5.51 6.20 5.46 4.42 2.79 3.68 2.03 5 10 x 8 80 1808 4520 6.88 7. 24 7. 26 6.17 3.81 5.08 1.91 5 7 x 6 42 1812 4532 6.88 7. 24 7. 26 6.17 3.81 5.08 1.91 5 7 x 6 42 1825 4564 8.08 9.19 10.77 8.64 6.10 8.13 0.81 5 5 x 4 20 2220 5650 8.08 9.19 10.77 8.64 6.10 8.13 0.81 5 5 x 4 20 2225 5664 8.08 9.19 10.77 8.64 6.10 8.13 0.81 5 5 x 4 20 1 ddddsdsskdkskkdsddddd dkskdsdddkdkskkdsd 2 ddsdkdkk ddsdkdkk surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 25 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 1rwh.(0(7uhvhuyhvwkhuljkwwrprglplqrughwdlovrlqwhuqdodqghwhuqdofrqvwuxfwlrqdwdqwlphlqwkhlqwhuhvwrsurgxfwlpsuryhphqw.(0(7grhvqrw dvvxphdquhvsrqvlelolwrulqulqjhphqwwkdwpljkwuhvxowurpwkhxvhr.(0(7&dsdflwruvlqsrwhqwldoflufxlwghvljqv.(0(7lvduhjlvwhuhgwudghpdunr kemet electronics corporation. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1069_c0g_hv_ht_200c ? 3/24/2016 26 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount multilayer ceramic chip capacitors (smd mlccs) hv-ht series, high voltage, high temperature 200c, c0g dielectric, 500 C 2,000 vdc (industrial grade)


▲Up To Search▲   

 
Price & Availability of C2824H393BBGACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X